|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD T y p e : GSQ05A03LB A03LB OULINE DRAWING FEATURES *Similar to TO-220AC Case *Extremely Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation Maximum Ratings Rating Repetitive Peak Reverse Voltage Repetitive Peak Surge Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.9g Symbol VRRM VRRSM IO IF(RMS) IFSM Tjw Tstg Ftor GSQ05A03LB 30 35(pulse width 1s duty 1/50) 50 Hz half Sine Wave 5 Tc=122C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle 120 Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5 Unit V V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Conditions Min. Typ. Max. 5 0.47 5 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 5 A Rth(j-c) Junction to Case GSQ_B_ OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE GSQ05A03L/GSQ05A03LB 20 INSTANTANEOUS FORWARD CURRENT (A) 10 5 2 Tj=25C Tj=150C 1 0.5 0 0.2 0.4 0.6 0.8 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION GSQ05A03L/GSQ05A03LB D.C. 3.5 AVERAGE FORWARD POWER DISSIPATION (W) 3.0 RECT 180 HALF SINE WAVE RECT 120 RECT 60 2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 AVERAGE FORWARD CURRENT (A) PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 500 GSQ05A03L/GSQ05A03LB PEAK REVERSE CURRENT (mA) 200 100 50 0 5 10 15 20 25 30 35 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION GSQ05A03L/GSQ05A03LB D.C. 12 AVERAGE REVERSE POWER DISSIPATION (W) 10 RECT 300 8 RECT 240 6 RECT 180 4 HALF SINE WAVE 2 0 0 5 10 15 20 25 30 35 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE V RM =30 V GSQ05A03L/GSQ05A03LB D.C. 8 AVERAGE FORWARD CURRENT (A) 6 RECT 180. HALF SINE WAVE. RECT 120. 4 RECT 60. 2 0 0 25 50 75 100 125 150 CASE TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load GSQ05A03L/GSQ05A03LB 140 120 SURGE FORWARD CURRENT (A) 100 80 60 40 I FSM 0.02s 20 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue GSQ05A03L/GSQ05A03LB 2000 JUNCTION CAPACITANCE (pF) 1000 500 200 100 0.5 1 2 5 10 20 50 REVERSE VOLTAGE (V) |
Price & Availability of GSQ05A03LB |